Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 585 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 585 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 581Page - Renesas Technology Corp SH7052 Datasheet HTML 582Page - Renesas Technology Corp SH7052 Datasheet HTML 583Page - Renesas Technology Corp SH7052 Datasheet HTML 584Page - Renesas Technology Corp SH7052 Datasheet HTML 585Page - Renesas Technology Corp SH7052 Datasheet HTML 586Page - Renesas Technology Corp SH7052 Datasheet HTML 587Page - Renesas Technology Corp SH7052 Datasheet HTML 588Page - Renesas Technology Corp SH7052 Datasheet HTML 589Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 585 / 919 page
background image
559
Section 16 A/D Converter
16.1
Overview
The SH7052F/SH7053F/SH7054F includes a 10-bit successive-approximation A/D converter,
with software selection of up to 32 analog input channels.
The A/D converter is composed of two independent modules, A/D0 and A/D1. A/D0 comprises
three groups and A/D1 comprises one group.
Module
Analog Groups
Channels
A/D0
Analog group 0
AN0 to AN3
Analog group 1
AN4 to AN7
Analog group 2
AN8 to AN11
A/D1
Analog group 3
AN12 to AN15
16.1.1
Features
The features of the A/D converter are summarized below.
• 10-bit resolution
16 input channels (A/D0: 12 channels, A/D1: 4 channels)
• High-speed conversion
Conversion time: minimum 13.4 µs per channel (when
φ = 40 MHz)
• Two conversion modes
 Single mode: A/D conversion on one channel
 Scan mode: cotinuous scan mode, single-cycle scan mode (AN0 to AN3, AN4 to AN7,
AN8 to AN11, AN12 to AN15)
Continuous conversion on 1 to 12 channels (A/D0)
Continuous conversion on 1 to 4 channels (A/D1)
• Sixteen 10-bit A/D data registers
A/D conversion results are transferred for storage into data registers corresponding to the
channels.
• Two sample-and-hold circuits
A sample-and-hold circuit is built into each A/D converter module (A/D0 and A/D1),
simplifying the configuration of external analog input circuitry.
• A/D conversion interrupts and DMA function supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com