Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 581 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 581 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 577Page - Renesas Technology Corp SH7052 Datasheet HTML 578Page - Renesas Technology Corp SH7052 Datasheet HTML 579Page - Renesas Technology Corp SH7052 Datasheet HTML 580Page - Renesas Technology Corp SH7052 Datasheet HTML 581Page - Renesas Technology Corp SH7052 Datasheet HTML 582Page - Renesas Technology Corp SH7052 Datasheet HTML 583Page - Renesas Technology Corp SH7052 Datasheet HTML 584Page - Renesas Technology Corp SH7052 Datasheet HTML 585Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 581 / 919 page
background image
555
15.3.7
Interrupt Interface
There are 12 interrupt sources for each HCAN channel. Four independent interrupt vectors are
assigned to each channel. Table 15.5 lists the HCAN interrupt sources.
With the exception of the power-on reset processing vector (IRR0), these sources can be masked.
Masking is implemented using the mailbox interrupt mask register (MBIMR) and interrupt mask
register (IMR).
Table 15.5
HCAN Interrupt Sources
Channel
IPR Bits
Vector
Vector
Number IRR Bit
Description
HCAN
IPRL
(11 to 8)
ERS
220
IRR5
Error passive interrupt (TEC
≥ 128 or REC ≥
128)
(initial
value)
IRR6
Bus off interrupt (TEC
≥ 256)
OVR
221
IRR0
Power-on reset processing interrupt
IRR2
Remote frame reception interrupt
IRR3
Error warning interrupt (TEC
≥ 96)
IRR4
Error warning interrupt (REC
≥ 96)
IRR7
Overload frame transmission interrupt/bus off
recovery interrupt (11 recessive bits
× 128
times)
IRR9
Unread message overwrite interrupt
IRR12
HCAN sleep mode CAN bus operation
interrupt
RM0
222
IRR1
Mailbox 0 message reception interrupt
IRR1
Mailbox 1 to 15 message reception interrupt
SLE0
223
IRR8
Message transmission/cancellation interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com