Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 577 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 577 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 573Page - Renesas Technology Corp SH7052 Datasheet HTML 574Page - Renesas Technology Corp SH7052 Datasheet HTML 575Page - Renesas Technology Corp SH7052 Datasheet HTML 576Page - Renesas Technology Corp SH7052 Datasheet HTML 577Page - Renesas Technology Corp SH7052 Datasheet HTML 578Page - Renesas Technology Corp SH7052 Datasheet HTML 579Page - Renesas Technology Corp SH7052 Datasheet HTML 580Page - Renesas Technology Corp SH7052 Datasheet HTML 581Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 577 / 919 page
background image
551
4. Unread message reception
When the identifier in a mailbox matches a receive message, the message is stored in the
mailbox. If a message overwrite occurs before the CPU reads the message, the corresponding
bit (UMSR0 to UMSR15) is set in the unread message register (UMSR). In overwriting of an
unread message, when a new message is received before the corresponding bit in the receive
complete register (RXPR) has been cleared, the unread message register (UMSR) is set. If the
unread interrupt flag (IRR9) in the interrupt mask register (IMR) is set to the interrupt enable
value at this time, an interrupt can be sent to the CPU. Figure 15.10 shows a flowchart of
unread message overwriting.
UMSR = 1
IRR9 = 1
Unread message overwrite
IMR9 = 1?
End
Yes
Interrupt to CPU
Clear IRR9
Message control/message data read
No
: Settings by user
: Processing by hardware
Figure 15.10 Unread Message Overwrite Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com