Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 579 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 579 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 575Page - Renesas Technology Corp SH7052 Datasheet HTML 576Page - Renesas Technology Corp SH7052 Datasheet HTML 577Page - Renesas Technology Corp SH7052 Datasheet HTML 578Page - Renesas Technology Corp SH7052 Datasheet HTML 579Page - Renesas Technology Corp SH7052 Datasheet HTML 580Page - Renesas Technology Corp SH7052 Datasheet HTML 581Page - Renesas Technology Corp SH7052 Datasheet HTML 582Page - Renesas Technology Corp SH7052 Datasheet HTML 583Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 579 / 919 page
background image
553
HCAN sleep mode is entered by setting the HCAN sleep mode bit (MCR5) to 1 in the master
control register (MCR). If the CAN bus is operating, the transition to HCAN sleep mode is
delayed until the bus becomes idle.
Either of the following methods of clearing HCAN sleep mode can be selected by making a setting
in the MCR7 bit.
1. Clearing by software
2. Clearing by CAN bus operation
Eleven recessive bits must be received after HCAN sleep mode is cleared before CAN bus
communication is enabled again.
Clearing by Software: Clearing by software is performed by having the CPU write 0 to MCR5.
Clearing by CAN Bus Operation: Clearing by CAN bus operation occurs automatically when
the CAN bus performs an operation and this change is detected. In this case, the first message is
not received in the message box; normal reception starts with the second message. When a change
is detected on the CAN bus in HCAN sleep mode, the bus operation interrupt flag (IRR12) is set
in the interrupt register (IRR). If the bus interrupt mask (IMR12) in the interrupt mask register
(IMR) is set to the interrupt enable value at this time, an interrupt can be sent to the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com