Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 582 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 582 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 578Page - Renesas Technology Corp SH7052 Datasheet HTML 579Page - Renesas Technology Corp SH7052 Datasheet HTML 580Page - Renesas Technology Corp SH7052 Datasheet HTML 581Page - Renesas Technology Corp SH7052 Datasheet HTML 582Page - Renesas Technology Corp SH7052 Datasheet HTML 583Page - Renesas Technology Corp SH7052 Datasheet HTML 584Page - Renesas Technology Corp SH7052 Datasheet HTML 585Page - Renesas Technology Corp SH7052 Datasheet HTML 586Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 919 page
background image
556
15.3.8
DMAC Interface
The DMAC can be activated by reception of a message in HCAN’s mailbox 0. When DMAC
transfer ends after DMAC activation has been set, the RXPR0 and RFPR0 flags are acknowledge
signal automatically. An interrupt request due to a receive interrupt from the HCAN cannot be sent
to the CPU in this case. Figure 15.13 shows a DMAC transfer flowchart.
End of DMAC transfer?
End
No
DMAC initialization
• Activation source setting
• Source/destination address settings
• Transfer count setting
• Interrupt setting
Message reception in HCAN’s
mailbox 0
DMAC activation
DMAC transfer end bit setting
RXPR and RFPR clearing
DMAC interrupt enabled?
No
Interrupt to CPU
Clear DMAC interrupt flag
Yes
Yes
: Settings by user
: Processing by hardware
Figure 15.13 DMAC Transfer Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com