Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 592 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 592 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 588Page - Renesas Technology Corp SH7052 Datasheet HTML 589Page - Renesas Technology Corp SH7052 Datasheet HTML 590Page - Renesas Technology Corp SH7052 Datasheet HTML 591Page - Renesas Technology Corp SH7052 Datasheet HTML 592Page - Renesas Technology Corp SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp SH7052 Datasheet HTML 595Page - Renesas Technology Corp SH7052 Datasheet HTML 596Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 592 / 919 page
background image
566
Table 16.3
Analog Input Channels and A/D Data Registers
Analog Input Channel A/D Data Register
Analog Input Channel
A/D Data Register
AN0
ADDR0
AN8
ADDR8
AN1
ADDR1
AN9
ADDR9
AN2
ADDR2
AN10
ADDR10
AN3
ADDR3
AN11
ADDR11
AN4
ADDR4
AN12
ADDR12
AN5
ADDR5
AN13
ADDR13
AN6
ADDR6
AN14
ADDR14
AN7
ADDR7
AN15
ADDR15
16.2.2
A/D Control/Status Register 0 (ADCSR0)
A/D control/status register 0 (ADCSR0) is 8-bit readable/writable register whose function includes
selection of the A/D conversion mode for A/D0.
ADCSR0 is initialized to H'00 by a power-on reset, and in hardware standby mode and software
standby mode.
Bit:
7
6
5
4
3
2
1
0
ADF
ADIE
ADM1
ADM0
CH3
CH2
CH1
CH0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/(W)*
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Note: * Only 0 can be written, to clear the flag.
• Bit 7—A/D End Flag (ADF): Indicates the end of A/D conversion.
Bit 7:
ADF
Description
0
Indicates that A/D0 is performing A/D conversion, or is in the idle state
(Initial value)
[Clearing conditions]
• When ADF is read while set to 1, then 0 is written to ADF
•••• When the DMAC is activated by ADI0
1
Indicates that A/D0 has finished A/D conversion, and the digital value has been
transferred to ADDR
[Setting conditions]
• Single mode: When A/D conversion ends
• Scan mode: When all set A/D conversions end



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com