Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 596 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 596 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 592Page - Renesas Technology Corp SH7052 Datasheet HTML 593Page - Renesas Technology Corp SH7052 Datasheet HTML 594Page - Renesas Technology Corp SH7052 Datasheet HTML 595Page - Renesas Technology Corp SH7052 Datasheet HTML 596Page - Renesas Technology Corp SH7052 Datasheet HTML 597Page - Renesas Technology Corp SH7052 Datasheet HTML 598Page - Renesas Technology Corp SH7052 Datasheet HTML 599Page - Renesas Technology Corp SH7052 Datasheet HTML 600Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 596 / 919 page
background image
570
16.2.3
A/D Control Registers 0 and 1 (ADCR0, ADCR1)
A/D control registers 0 and 1 (ADCR0 and ADCR1) are 8-bit readable/writable registers that
control the start of A/D conversion and selects the operating clock for A/D0 and A/D1.
ADCR0 and ADCR1 are initialized to H'0F by a power-on reset, and in hardware standby mode
and software standby mode.
Bits 3 to 0 of ADCR0 and ADCR1 are reserved. These bits cannot be written to, and always return
1 if read.
Bit:
7
6
5
4
3
2
1
0
TRGE
CKS
ADST
ADCS
—
—
—
—
Initial value:
0
0
0
0
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R
R
R
R
• Bit 7—Trigger Enable (TRGE): Enables or disables triggering of A/D conversion by external
input or the ATU-II.
Bit 7:
TRGE
Description
0
A/D conversion triggering by external input or ATU-II is disabled
(Initial value)
1
A/D conversion triggering by external input or ATU-II is enabled
For details of external or ATU-II trigger selection, see section 16.2.5, A/D Trigger Register 0
and 1.
When ATU triggering is selected, clear bit 7 of registers ADTRGR0 and ADTRGR1 to 0.
When external triggering is selected, upon input of a low level to the
ADTRG0 pin after TRGE
has been set to 1, the A/D converter detects the low level, and sets the ADST bit to 1 in ADCR.
The same operation is subsequently performed when 1 is written in the ADST bit by software.
External triggering of A/D conversion is only enabled when the ADST bit is cleared to 0.
When external triggering is used, the low level input to the
ADTRG0 pin must be at least
1.5 P
φ clock cycles in width. For details, see section 16.4.4, External Triggering of A/D
Converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com