Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 609 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 609 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 605Page - Renesas Technology Corp SH7052 Datasheet HTML 606Page - Renesas Technology Corp SH7052 Datasheet HTML 607Page - Renesas Technology Corp SH7052 Datasheet HTML 608Page - Renesas Technology Corp SH7052 Datasheet HTML 609Page - Renesas Technology Corp SH7052 Datasheet HTML 610Page - Renesas Technology Corp SH7052 Datasheet HTML 611Page - Renesas Technology Corp SH7052 Datasheet HTML 612Page - Renesas Technology Corp SH7052 Datasheet HTML 613Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 609 / 919 page
background image
583
16.4.3
Analog Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit in A/D0, A/D1, and A/D2. The A/D
converter samples the analog input at time t
D (A/D conversion start delay time) after the ADST bit
is set to 1, then starts conversion. Figure 16.6 shows the A/D conversion timing.
The A/D conversion time (t
CONV) includes tD and the analog input sampling time (tSPL). The length
of t
D is not fixed, since it includes the time required for synchronization of the A/D conversion
operation. The total conversion time therefore varies within the ranges shown in table 16.4.
In scan mode, the t
CONV values given in table 16.4 apply to the first conversion. In the second and
subsequent conversions, t
CONV is fixed at 512 states when CKS = 0 or 256 states when CKS = 1.
Table 16.4
A/D Conversion Time (Single Mode)
CKS = 0
CKS = 1
Item
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
A/D conversion start
delay time
t
D
20
—
34
12
—
18
States
(
φ base)
Input sampling time
t
SPL
—
128
——
64
—
A/D conversion time
t
CONV
518
—
532
262
—
268



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com