Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 609Page - Renesas Technology Corp SH7052 Datasheet HTML 610Page - Renesas Technology Corp SH7052 Datasheet HTML 611Page - Renesas Technology Corp SH7052 Datasheet HTML 612Page - Renesas Technology Corp SH7052 Datasheet HTML 613Page - Renesas Technology Corp SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp SH7052 Datasheet HTML 616Page - Renesas Technology Corp SH7052 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 919 page
background image
587
4. Notes on board design
In board design, digital circuitry and analog circuitry should be as mutually isolated as
possible, and layout in which digital circuit signal lines and analog circuit signal lines cross or
are in close proximity should be avoided as far as possible. Failure to do so may result in
incorrect operation of the analog circuitry due to inductance, adversely affecting A/D
conversion values.
Also, digital circuitry must be isolated from the analog input signals (ANn), analog reference
voltage (AV
ref), and analog power supply (AVCC) by the analog ground (AVSS). AVSS should be
connected at one point to a stable digital ground (V
SS) on the board.
5. Notes on noise countermeasures
A protection circuit connected to prevent damage due to an abnormal voltage such as an
excessive surge at the analog input pins (ANn) and analog reference voltage (AV
ref) should be
connected between AV
CC and AVSS as shown in figure 16.8.
Also, the bypass capacitors connected to AV
CC and AVref and the filter capacitor connected to
ANn must be connected to AV
SS. If a filter capacitor is connected as shown in figure 16.8, the
input currents at the analog input pins (ANn) are averaged, and so an error may arise. Careful
consideration is therefore required when deciding the circuit constants.
AVCC
AVref
AN0–AN31
AVSS
SH7052
SH7053
SH7054
Notes:
10
µF
0.01
µF
Rin*
2
*1
*1
0.1
µF
100
Ω
1.
2. Rin: Input impedance
Figure 16.8 Example of Analog Input Pin Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com