Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 614 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 614 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 610Page - Renesas Technology Corp SH7052 Datasheet HTML 611Page - Renesas Technology Corp SH7052 Datasheet HTML 612Page - Renesas Technology Corp SH7052 Datasheet HTML 613Page - Renesas Technology Corp SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp SH7052 Datasheet HTML 616Page - Renesas Technology Corp SH7052 Datasheet HTML 617Page - Renesas Technology Corp SH7052 Datasheet HTML 618Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 614 / 919 page
background image
588
Table 16.5
Analog Pin Specifications
Item
Min
Max
Unit
Analog input capacitance
—
20
pF
Permissible signal source impedance
—
3k
Ω
16.6.1
A/D conversion accuracy definitions
A/D conversion accuracy definitions are given below.
1. Resolution
The number of A/D converter digital conversion output codes
2. Offset error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from the minimum voltage value 0000000000 to 0000000001
(does not include quantization error) (see figure 16.9).
3. Full-scale error
The deviation of the analog input voltage value from the ideal A/D conversion characteristic
when the digital output changes from 1111111110 to 111111111 (does not include
quantization error) (see figure 16.9).
4. Quantization error
The deviation inherent in the A/D converter, given by 1/2 LSB (see figure 16.9).
5. Nonlinearity error
The error with respect to the ideal A/D conversion characteristic between the zero voltage and
the full-scale voltage. Does not include the offset error, full-scale error, or quantization error.
6. Absolute accuracy
The deviation between the digital value and the analog input value. Includes the offset error,
full-scale error, quantization error, and nonlinearity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com