Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp SH7052 Datasheet HTML 616Page - Renesas Technology Corp SH7052 Datasheet HTML 617Page - Renesas Technology Corp SH7052 Datasheet HTML 618Page - Renesas Technology Corp SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 919 page
background image
592
17.1.2
Block Diagram
Figure 17.1 shows a block diagram of the AUD.
PC output circuit
Address buffer
Data buffer
Mode control
Internal
bus
Bus
controller
Peripheral
module bus
On-chip
memory
On-chip
peripheral
module
CPU
AUDATA0
AUDATA1
AUDATA2
AUDATA3
AUDRST
AUDMD
AUDCK
AUDSYNC
Figure 17.1 AUD Block Diagram
17.2
Pin Configuration
Table 17.1 shows the AUD’s input/output pins.
Table 17.1
AUD Pins
Function
Name
Abbreviation
Branch Trace Mode
RAM Monitor Mode
AUD data
AUDATA3 to
AUDATA0
Branch destination address
output
Monitor address/data
input/output
AUD reset
AUDRST
AUD reset input
AUD reset input
AUD mode
AUDMD
Mode select input (L)
Mode select input (H)
AUD clock
AUDCK
Serial clock (
φ/2) output
Serial clock input
AUD sync signal
AUDSYNC
Data start position
identification signal output
Data start position
identification signal input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com