Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 618Page - Renesas Technology Corp SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp SH7052 Datasheet HTML 625Page - Renesas Technology Corp SH7052 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 919 page
background image
596
If another branch occurs during branch destination address output, the later branch has priority for
output. In this case,
AUDSYNC is negated and the AUDATA pins output the address after
outputting 10xx again (figure 17.3 shows an example of the output when consecutive branches
occur). Note that the compared address is the previous fully output address, and not an interrupted
address (since the upper address of an interrupted address will be unknown).
The interval from the start of execution at the branch destination address in the PC until the
AUDATA pins output 10xx is 1.5 or 2 AUDCK cycles.
AUDCK
0011
0011
1011
A3–A0
A7–A4
A11–A8 A15–A12 A19–A16 A23–A20 A27–A24 A31–A28
0011
AUDSYNC
AUDATA [3:0]
Start of execution at branch destination address in PC
Figure 17.2 Example of Data Output (32-Bit Output)
AUDCK
0011
0011
1011
A3–A0
0011
0011
A3–A0
A7–A4
1010
A7–A4
A11–A8 A15–A12
AUDSYNC
AUDATA [3:0]
Start of execution at branch destination address in PC (1)
Start of execution at branch destination address in PC (2)
Figure 17.3 Example of Output in Case of Successive Branches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com