Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp SH7052 Datasheet HTML 625Page - Renesas Technology Corp SH7052 Datasheet HTML 626Page - Renesas Technology Corp SH7052 Datasheet HTML 627Page - Renesas Technology Corp SH7052 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 919 page
background image
598
17.4.3
Operation
Operation starts in RAM monitor mode AUDMD is driven high after
AUDRST has been asserted,
then
AUDRST is negated.
Figure 17.5 shows an example of a read operation, and figure 17.6 an example of a write
operation.
When
AUDSYNC is asserted, input from the AUDATA pins begins. When a command, address,
or data (writing only) is input in the format shown in figure 17.4 AUDATA Input Format,
execution of read/write access to the specified address is started. During internal execution, the
AUD returns Not Ready (0000). When execution is completed, the Ready flag (0001) is returned
(figures 17.5 and 17.6).
In a read, data of the specified size is output when
AUDSYNC is negated following detection of
this flag (figure 17.5).
If a command other than the above is input in DIR, the AUD treats this as a command error,
disables processing, and sets bit 1 in the Ready flag to 1. If a read/write operation initiated by the
command specified in DIR causes a bus error, the AUD disables processing and sets bit 2 in the
Ready flag to 1 (figure 17.7).
Table 17.2
Ready Flag Format
Bit 3
Bit 2
Bit 1
Bit 0
Fixed at 0
0: Normal status
1: Bus error
0: Normal status
1: Bus error
0: Not ready
1: Ready
Bus error conditions
1. Word access to address 4n+1 or 4n+3
2. Longword access to address 4n+1, 4n+2, or 4n+3
3. Longword access to on-chip I/O 8-bit space
4. Access to external space in single-chip mode
AUDCK
Not ready
DIR
Ready
Ready Ready
0001
0001
0000
0000
1000
0001
A31–A28
D7–D4
D3–D0
A3–A0
AUDSYNC
AUDATAn
Input/output switchover
Input
Output
Figure 17.5 Example of Read Operation (Byte Read)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com