Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 623 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 623 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp SH7052 Datasheet HTML 625Page - Renesas Technology Corp SH7052 Datasheet HTML 626Page - Renesas Technology Corp SH7052 Datasheet HTML 627Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 623 / 919 page
background image
597
17.4
RAM Monitor Mode
17.4.1
Overview
In this mode, all the modules connected to the SH7052F/SH7053F/SH7054F’s internal or external
bus can be read and written to, allowing RAM monitoring and tuning to be carried out.
17.4.2
Communication Protocol
The AUD latches the AUDATA input when
AUDSYNC is asserted. The following AUDATA
input format should be used.
0000
DIR
A3 to A0
A31 to A28 D3 to D0
Dn to Dn-3
Input format
Spare bits (4 bits): b'0000
Command
Fixed at 1
0: Read
1: Write
00: Byte
01: Word
10: Longword
Bit 3
Bit 2
Bit 1
Bit 0
. . . . . .
. . . . . .
Address
Data (in case of write only)
B write: n = 7
W write: n = 15
L write: n = 31
Figure 17.4 AUDATA Input Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com