Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 625 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 625 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp SH7052 Datasheet HTML 625Page - Renesas Technology Corp SH7052 Datasheet HTML 626Page - Renesas Technology Corp SH7052 Datasheet HTML 627Page - Renesas Technology Corp SH7052 Datasheet HTML 628Page - Renesas Technology Corp SH7052 Datasheet HTML 629Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 625 / 919 page
background image
599
AUDCK
Not ready
Ready
DIR
Ready Ready
0000
0000
1110
0001
0001
0001
A31–A28
D3–D0
D31–D28
A3–A0
AUDSYNC
AUDATAn
Input/output switchover
Input
Output
Figure 17.6 Example of Write Operation (Longword Read)
AUDCK
Not ready
DIR
Ready
(Bus error)
Ready
(Bus error)
Ready
(Bus error)
0101
0101
0000
0000
1010
0101
A31–A28
A3–A0
AUDSYNC
AUDATAn
Input/output switchover
Input
Output
Figure 17.7 Example of Error Occurrence (Longword Read)
17.5
Usage Notes
17.5.1
Initialization
The debugger’s internal buffers and processing states are initialized in the following cases:
1. In a power-on reset
2. In hardware standby mode
3. When
AUDRST is driven low
4. When the
AUDSRST bit is set to 1 in the SYSCR register (see section 23.2.2)
5. When the MSTOP3 bit is set to 1 in the MSTCR register (see section 23.2.3)
17.5.2
Operation in Software Standby Mode
The debugger is not initialized in software standby mode. However, since the
SH7052F/SH7053F/SH7054F’s internal operation halts in software standby mode:
1. When AUDMD is high (RAM monitor mode): Ready is not returned (Not Ready continues to
be returned)
However, when operating on an external clock, the protocol continues.
2. When AUDMD is low (PC trace): Operation stops. However, operation continues when STBY
is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com