Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 621 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 621 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 617Page - Renesas Technology Corp SH7052 Datasheet HTML 618Page - Renesas Technology Corp SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp SH7052 Datasheet HTML 625Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 621 / 919 page
background image
595
Pin Functions in RAM Monitor Mode
Pin
Description
AUDCK
The external clock input pin. Input the clock to be used for debugging to this pin.
The input frequency must not exceed 1/4 the operating frequency. When no
connection is made, this pin is pulled up internally.
AUDSYNC
Do not assert this pin until a command is input to AUDATA from off-chip and the
necessary data can be prepared. See the protocol description for details. When
no connection is made, this pin is pulled up internally.
AUDATA3 to
AUDATA0
When a command is input from off-chip, data is output after Ready reception.
Output starts when
AUDSYNC is negated. See the protocol description for
details. When no connections are made, these pins are pulled up internally.
17.3
Branch Trace Mode
17.3.1
Overview
In this mode, the branch destination address is output when a branch occurs in the user program.
Branches may be caused by branch instruction execution or interrupt/exception processing, but no
distinction is made between the two in this mode.
17.3.2
Operation
Operation starts in branch trace mode when
AUDRST is asserted, AUDMD is driven low, then
AUDRST is negated.
Figure 17.2 shows an example of data output.
While the user program is being executed without branches, the AUDATA pins constantly output
0011 in synchronization with AUDCK.
When a branch occurs, after execution starts at the branch destination address in the PC, the
previous fully output address (i.e. for which output was not interrupted by the occurrence of
another branch) is compared with the current branch address, and depending on the result,
AUDSYNC is asserted and the branch destination address output after 1-clock output of 1000 (in
the case of 4-bit output), 1001 (8-bit output), 1010 (16-bit output), or 1011 (32-bit output). The
initial value of the compared address is H'00000000.
On completion of the cycle in which the address is output,
AUDSYNC is negated and 0011 is
output from the AUDATA pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com