Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 620 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 620 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 616Page - Renesas Technology Corp SH7052 Datasheet HTML 617Page - Renesas Technology Corp SH7052 Datasheet HTML 618Page - Renesas Technology Corp SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp SH7052 Datasheet HTML 622Page - Renesas Technology Corp SH7052 Datasheet HTML 623Page - Renesas Technology Corp SH7052 Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 919 page
background image
594
Pin Functions in Branch Trace Mode
Pin
Description
AUDCK
This pin outputs 1/2 the operating frequency (
φ/2).
This is the clock for AUDATA synchronization.
AUDSYNC
This pin indicates whether output from AUDATA is valid.
High: Valid data is not being output
Low: An address is being output
AUDATA3 to
AUDATA0
1. When
AUDSYNC is low
When a program branch or interrupt branch occurs, the AUD asserts
AUDSYNC and outputs the branch destination address. The output order is
A3 to A0, A7 to A4, A11 to A8, A15 to A12, A19 to A16, A23 to A20, A27 to
A24, A31 to A28.
2. When
AUDSYNC is high
When waiting for branch destination address output, these pins constantly
output 0011.
When an branch occurs, AUDATA3 to AUDATA2 output 10, and AUDATA1 to
AUDATA0 indicate whether a 4-, 8-, 16-, or 32-bit address is to be output by
comparing the previous fully output address with the address output this time
(see table below).
AUDATA1, AUDATA0
00
Address bits A31 to A4 match; 4 address bits A3 to A0 are to
be output (i.e. output is performed once).
01
Address bits A31 to A8 match; 8 address bits A3 to A0 and A7
to A4 are to be output (i.e. output is performed twice).
10
Address bits A31 to A16 match; 16 address bits A3 to A0, A7
to A4, A11 to A8, and A15 to A12 are to be output (i.e. output
is performed four times).
11
None of the above cases applies; 31 address bits A3 to A0, A7
to A4, A11 to A8, and A15 to A12, A19 to A16, A23 to A20,
A27 to A24, and A31 to A28 are to be output (i.e. output is
performed eight times).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com