Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 617 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 617 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 613Page - Renesas Technology Corp SH7052 Datasheet HTML 614Page - Renesas Technology Corp SH7052 Datasheet HTML 615Page - Renesas Technology Corp SH7052 Datasheet HTML 616Page - Renesas Technology Corp SH7052 Datasheet HTML 617Page - Renesas Technology Corp SH7052 Datasheet HTML 618Page - Renesas Technology Corp SH7052 Datasheet HTML 619Page - Renesas Technology Corp SH7052 Datasheet HTML 620Page - Renesas Technology Corp SH7052 Datasheet HTML 621Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 617 / 919 page
background image
591
Section 17 Advanced User Debugger (AUD)
17.1
Overview
The SH7052F/SH7053F/SH7054F has an on-chip advanced user debugger (AUD). Use of the
AUD simplifies the construction of a simple emulator, with functions such as acquisition of
branch trace data and monitoring/tuning of on-chip RAM data.
17.1.1
Features
The AUD has the following features:
• Eight input/output pins
 Data bus (AUDATA3 to AUDATA0)
 AUD reset (AUDRST)
 AUD sync signal (AUDSYNC)
 AUD clock (AUDCK)
 AUD mode (AUDMD)
• Two modes
Branch trace mode or RAM monitor mode can be selected by switching AUDMD.
 Branch trace mode
When the PC branches on execution of a branch instruction or generation of an interrupt in
the user program , the branch is detected by the AUD and the branch destination address is
output from AUDATA. The address is compared with the previously output address, and
4-, 8-, 16-, or 32-bit output is selected automatically according to the upper address
matching status.
 RAM monitor mode
When an address is written to AUDATA from off-chip, the data corresponding to that
address is output. If an address and data are written to AUDATA, the data is transferred to
that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com