Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 651 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 651 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 647Page - Renesas Technology Corp SH7052 Datasheet HTML 648Page - Renesas Technology Corp SH7052 Datasheet HTML 649Page - Renesas Technology Corp SH7052 Datasheet HTML 650Page - Renesas Technology Corp SH7052 Datasheet HTML 651Page - Renesas Technology Corp SH7052 Datasheet HTML 652Page - Renesas Technology Corp SH7052 Datasheet HTML 653Page - Renesas Technology Corp SH7052 Datasheet HTML 654Page - Renesas Technology Corp SH7052 Datasheet HTML 655Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 651 / 919 page
background image
625
Port D Control Register L (PDCRL)
Bit:
15
14
13
12
11
10
9
8
—
PD7MD
—
PD6MD
—
PD5MD
—
PD4MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
Bit:
7
6
5
4
3
2
1
0
—
PD3MD
—
PD2MD
—
PD1MD
—
PD0MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R/W
R
R/W
R
R/W
R
R/W
• Bit 15—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 14—PD7 Mode Bit (PD7MD): Selects the function of pin PD7/TIO1H.
Bit 14: PD7MD
Description
0
General input/output (PD7)
(Initial value)
1
ATU input capture input/output compare output (TIO1H)
• Bit 13—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 12—PD6 Mode Bit (PD6MD): Selects the function of pin PD6/TIO1G.
Bit 12: PD6MD
Description
0
General input/output (PD6)
(Initial value)
1
ATU input capture input/output compare output (TIO1G)
• Bit 11—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 10—PD5 Mode Bit (PD5MD): Selects the function of pin PD5/TIO1F.
Bit 10: PD5MD
Description
0
General input/output (PD5)
(Initial value)
1
ATU input capture input/output compare output (TIO1F)
• Bit 9—Reserved: This bit always reads 0. The write value should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com