Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 654 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 654 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 650Page - Renesas Technology Corp SH7052 Datasheet HTML 651Page - Renesas Technology Corp SH7052 Datasheet HTML 652Page - Renesas Technology Corp SH7052 Datasheet HTML 653Page - Renesas Technology Corp SH7052 Datasheet HTML 654Page - Renesas Technology Corp SH7052 Datasheet HTML 655Page - Renesas Technology Corp SH7052 Datasheet HTML 656Page - Renesas Technology Corp SH7052 Datasheet HTML 657Page - Renesas Technology Corp SH7052 Datasheet HTML 658Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 654 / 919 page
background image
628
18.3.11
Port E Control Register (PECR)
Bit:
15
14
13
12
11
10
9
8
PE15
MD
PE14
MD
PE13
MD
PE12
MD
PE11
MD
PE10
MD
PE9
MD
PE8
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PE7
MD
PE6
MD
PE5
MD
PE4
MD
PE3
MD
PE2
MD
PE1
MD
PE0
MD
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port E control register (PECR) is a 16-bit readable/writable register that selects the functions
of the 16 multiplex pins in port E. PECR settings are not valid in all operating modes.
1. Expanded mode with on-chip ROM disabled
Port E pins function as address output pins, and PECR settings are invalid.
2. Expanded mode with on-chip ROM enabled
Port E pins are multiplexed as address output pins and general input/output pins. PECR
settings are valid.
3. Single-chip mode
Port E pins function as general input/output pins, and PECR settings are invalid.
PECR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
• Bit 15—PE15 Mode Bit (PE15MD): Selects the function of pin PE15/A15.
Description
Bit 15:
PE15MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Address output (A15)
(Initial value)
General input/output (PE15)
(Initial value)
General input/output (PE15)
(Initial value)
1
Address output (A15)
Address output (A15)
General input/output (PE15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com