Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 661 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 661 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 657Page - Renesas Technology Corp SH7052 Datasheet HTML 658Page - Renesas Technology Corp SH7052 Datasheet HTML 659Page - Renesas Technology Corp SH7052 Datasheet HTML 660Page - Renesas Technology Corp SH7052 Datasheet HTML 661Page - Renesas Technology Corp SH7052 Datasheet HTML 662Page - Renesas Technology Corp SH7052 Datasheet HTML 663Page - Renesas Technology Corp SH7052 Datasheet HTML 664Page - Renesas Technology Corp SH7052 Datasheet HTML 665Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 661 / 919 page
background image
635
• Bit 13—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 12—PF14 Mode Bit (PF14MD): Selects the function of pin PF14/BACK.
Description
Bit 12: PF14MD
Expanded Mode
Single-Chip Mode
0
General input/output (PF14)
(Initial value)
General input/output (PF14)
(Initial value)
1
Bus acknowledge output (
BACK)
General input/output (PF14)
• Bit 11—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 10—PF13 Mode Bit (PF13MD): Selects the function of pin PF13/CS3.
Description
Bit 10: PF13MD
Expanded Mode
Single-Chip Mode
0
General input/output (PF13)
(Initial value)
General input/output (PF13)
(Initial value)
1
Chip select output (
CS3)
General input/output (PF13)
• Bit 9—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 8—PF12 Mode Bit (PF12MD): Selects the function of pin PF12/CS2.
Description
Bit 8: PF12MD
Expanded Mode
Single-Chip Mode
0
General input/output (PF12)
(Initial value)
General input/output (PF12)
(Initial value)
1
Chip select output (
CS2)
General input/output (PF12)
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 6—PF11 Mode Bit (PF11MD): Selects the function of pin PF11/CS1.
Description
Bit 6: PF11MD
Expanded Mode
Single-Chip Mode
0
General input/output (PF11)
(Initial value)
General input/output (PF11)
(Initial value)
1
Chip select output (
CS1)
General input/output (PF11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com