Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 664 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 664 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 660Page - Renesas Technology Corp SH7052 Datasheet HTML 661Page - Renesas Technology Corp SH7052 Datasheet HTML 662Page - Renesas Technology Corp SH7052 Datasheet HTML 663Page - Renesas Technology Corp SH7052 Datasheet HTML 664Page - Renesas Technology Corp SH7052 Datasheet HTML 665Page - Renesas Technology Corp SH7052 Datasheet HTML 666Page - Renesas Technology Corp SH7052 Datasheet HTML 667Page - Renesas Technology Corp SH7052 Datasheet HTML 668Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 664 / 919 page
background image
638
• Bits 11 and 10—PF5 Mode Bits 1 and 0 (PF5MD1, PF5MD0): These bits select the function of
pin PF5/A21/
POD.
Description
Bit 11:
PF5MD1
Bit 10:
PF5MD0
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
0
Address output (A21)
(Initial value)
General input/output
(PF5) (Initial value)
General input/output
(PF5) (Initial value)
1
Address output (A21)
Address output (A21)
General input/output
(PF5)
1
0
Address output (A21)
Port output disable input
(
POD)
Port output disable
input (
POD)
1
Reserved (Do not set)
Reserved (Do not set)
Reserved (Do not set)
• Bit 9—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 8—PF4 Mode Bit (PF4MD): Selects the function of pin PF4/A20.
Description
Bit 8:
PF4MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Address output (A20)
(Initial value)
General input/output (PF4)
(Initial value)
General input/output (PF4)
(Initial value)
1
Address output (A20)
Address output (A20)
General input/output (PF4)
• Bit 7—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 6—PF3 Mode Bit (PF3MD): Selects the function of pin PF3/A19.
Description
Bit 6:
PF3MD
Expanded Mode
with ROM Disabled
Expanded Mode
with ROM Enabled
Single-Chip Mode
0
Address output (A19)
(Initial value)
General input/output (PF3)
(Initial value)
General input/output (PF3)
(Initial value)
1
Address output (A19)
Address output (A19)
General input/output (PF3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com