Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 668 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 668 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 664Page - Renesas Technology Corp SH7052 Datasheet HTML 665Page - Renesas Technology Corp SH7052 Datasheet HTML 666Page - Renesas Technology Corp SH7052 Datasheet HTML 667Page - Renesas Technology Corp SH7052 Datasheet HTML 668Page - Renesas Technology Corp SH7052 Datasheet HTML 669Page - Renesas Technology Corp SH7052 Datasheet HTML 670Page - Renesas Technology Corp SH7052 Datasheet HTML 671Page - Renesas Technology Corp SH7052 Datasheet HTML 672Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 668 / 919 page
background image
642
• Bit 3—Reserved: This bit always reads 0. The write value should always be 0.
• Bit 2—PG1 Mode Bit (PG1MD): Selects the function of pin PG1/IRQ1.
Bit 2: PG1MD
Description
0
General input/output (PG1)
(Initial value)
1
Interrupt request input (
IRQ1)
• Bits 1 and 0—PG0 Mode Bits 1 and 0 (PG0MD1, PG2MD0): These bits select the function of
pin PG0/PULS7/HRxD0.
Bit 1: PG0MD1
Bit 0: PG0MD0
Description
0
0
General input/output (PG0)
(Initial value)
1
APC pulse output (PULS7)
1
0
HCAN receive data input (HRxD)
1
Reserved (Do not set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com