Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 709 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 709 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 705Page - Renesas Technology Corp SH7052 Datasheet HTML 706Page - Renesas Technology Corp SH7052 Datasheet HTML 707Page - Renesas Technology Corp SH7052 Datasheet HTML 708Page - Renesas Technology Corp SH7052 Datasheet HTML 709Page - Renesas Technology Corp SH7052 Datasheet HTML 710Page - Renesas Technology Corp SH7052 Datasheet HTML 711Page - Renesas Technology Corp SH7052 Datasheet HTML 712Page - Renesas Technology Corp SH7052 Datasheet HTML 713Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 709 / 919 page
background image
683
19.11
Port K
Port K is an input/output port with the 16 pins shown in figure 19.10.
PK15 (I/O) /TO8P (output)
PK14 (I/O) /TO8O (output)
PK13 (I/O) /TO8N (output)
PK12 (I/O) /TO8M (output)
PK11 (I/O) /TO8L (output)
PK10 (I/O) /TO8K (output)
PK9 (I/O) /TO8J (output)
PK8 (I/O) /TO8I (output)
PK7 (I/O) /TO8H (output)
PK5 (I/O) /TO8F (output)
PK4 (I/O) /TO8E (output)
PK3 (I/O) /TO8D (output)
PK2 (I/O) /TO8C (output)
PK1 (I/O) /TO8B (output)
PK0 (I/O) /TO8A (output)
PK6 (I/O) /TO8G (output)
Port K
Figure 19.10 Port K
19.11.1
Register Configuration
The port K register configuration is shown in table 19.19.
Table 19.19 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port K data register
PKDR
R/W
H'0000
H'FFFFF778
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com