Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 707 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 707 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 703Page - Renesas Technology Corp SH7052 Datasheet HTML 704Page - Renesas Technology Corp SH7052 Datasheet HTML 705Page - Renesas Technology Corp SH7052 Datasheet HTML 706Page - Renesas Technology Corp SH7052 Datasheet HTML 707Page - Renesas Technology Corp SH7052 Datasheet HTML 708Page - Renesas Technology Corp SH7052 Datasheet HTML 709Page - Renesas Technology Corp SH7052 Datasheet HTML 710Page - Renesas Technology Corp SH7052 Datasheet HTML 711Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 707 / 919 page
background image
681
19.10
Port J
Port J is an input/output port with the 16 pins shown in figure 19.9.
PJ15 (I/O) /TI9F (input)
PJ14 (I/O) /TI9E (input)
PJ13 (I/O) /TI9D (input)
PJ12 (I/O) /TI9C (input)
PJ11 (I/O) /TI9B (input)
PJ10 (I/O) /TI9A (input)
PJ9 (I/O) /TIO5D (I/O)
PJ8 (I/O) /TIO5C (I/O)
PJ7 (I/O) /TIO2H (I/O)
PJ5 (I/O) /TIO2F (I/O)
PJ4 (I/O) /TIO2E (I/O)
PJ3 (I/O) /TIO2D (I/O)
PJ2 (I/O) /TIO2C (I/O)
PJ1 (I/O) /TIO2B (I/O)
PJ0 (I/O) /TIO2A (I/O)
PJ6 (I/O) /TIO2G (I/O)
Port J
Figure 19.9 Port J
19.10.1
Register Configuration
The port J register configuration is shown in table 19.17.
Table 19.17 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port J data register
PJDR
R/W
H'0000
H'FFFFF76C
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com