Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 703 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 703 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 699Page - Renesas Technology Corp SH7052 Datasheet HTML 700Page - Renesas Technology Corp SH7052 Datasheet HTML 701Page - Renesas Technology Corp SH7052 Datasheet HTML 702Page - Renesas Technology Corp SH7052 Datasheet HTML 703Page - Renesas Technology Corp SH7052 Datasheet HTML 704Page - Renesas Technology Corp SH7052 Datasheet HTML 705Page - Renesas Technology Corp SH7052 Datasheet HTML 706Page - Renesas Technology Corp SH7052 Datasheet HTML 707Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 703 / 919 page
background image
677
When a pin functions as a general output, if a value is written to PGDR, that value is output
directly from the pin, and if PGDR is read, the register value is returned directly regardless of the
pin state.
When a pin functions as a general input, if PGDR is read the pin state, not the register value, is
returned directly. If a value is written to PGDR, although that value is written into PGDR it does
not affect the pin state. Table 19.14 summarizes port G data register read/write operations.
PGDR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
• Bits 15 to 4—Reserved: These bits always read 0. The write value should always be 0.
Table 19.14 Port G Data Register (PGDR) Read/Write Operations
Bits 3 to 0:
PGIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PGDR, but does not affect pin
state
Other than
general input
Pin state
Value is written to PGDR, but does not affect pin
state
1
General output
PGDR value
Write value is output from pin
Other than
general output
PGDR value
Value is written to PGDR, but does not affect pin
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com