Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 700 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 700 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 696Page - Renesas Technology Corp SH7052 Datasheet HTML 697Page - Renesas Technology Corp SH7052 Datasheet HTML 698Page - Renesas Technology Corp SH7052 Datasheet HTML 699Page - Renesas Technology Corp SH7052 Datasheet HTML 700Page - Renesas Technology Corp SH7052 Datasheet HTML 701Page - Renesas Technology Corp SH7052 Datasheet HTML 702Page - Renesas Technology Corp SH7052 Datasheet HTML 703Page - Renesas Technology Corp SH7052 Datasheet HTML 704Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 700 / 919 page
background image
674
19.7.2
Port F Data Register (PFDR)
Bit:
15
14
13
12
11
10
9
8
PF15
DR
PF14
DR
PF13
DR
PF12
DR
PF11
DR
PF10
DR
PF9
DR
PF8
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
PF7
DR
PF6
DR
PF5
DR
PF4
DR
PF3
DR
PF2
DR
PF1
DR
PF0
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The port F data register (PFDR) is a 16-bit readable/writable register that stores port F data. Bits
PF15DR to PF0DR correspond to pins PF15/
BREQ to PF0/A16.
When a pin functions as a general output, if a value is written to PFDR, that value is output
directly from the pin, and if PFDR is read, the register value is returned directly regardless of the
pin state. For pins PF0 to PF4, when the
POD pin is driven low, general outputs go to the high-
impedance state regardless of the PFDR value. When the
POD pin is driven high, the written value
is output from the pin.
When a pin functions as a general input, if PFDR is read the pin state, not the register value, is
returned directly. If a value is written to PFDR, although that value is written into PFDR it does
not affect the pin state. Table 19.12 summarizes port F data register read/write operations.
PFDR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com