Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 699 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 699 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 695Page - Renesas Technology Corp SH7052 Datasheet HTML 696Page - Renesas Technology Corp SH7052 Datasheet HTML 697Page - Renesas Technology Corp SH7052 Datasheet HTML 698Page - Renesas Technology Corp SH7052 Datasheet HTML 699Page - Renesas Technology Corp SH7052 Datasheet HTML 700Page - Renesas Technology Corp SH7052 Datasheet HTML 701Page - Renesas Technology Corp SH7052 Datasheet HTML 702Page - Renesas Technology Corp SH7052 Datasheet HTML 703Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 699 / 919 page
background image
673
19.7
Port F
Port F is an input/output port with the 16 pins shown in figure 19.6.
PF15 (I/O)
PF14 (I/O)
PF13 (I/O)
PF12 (I/O)
PF11 (I/O)
PF10 (I/O)
PF9 (I/O)
PF8 (I/O)
PF7 (I/O)
A21 (output)
A20 (output)
A19 (output)
A18 (output)
A17 (output)
PF6 (I/O)
Port F
BREQ (input)
BACK (output)
CS3 (output)
CS2 (output)
CS1 (output)
CS0 (output)
RD (output)
WAIT (input)
WRH (output)
PF5 (I/O) /A21 (output) /
POD (input)
PF4 (I/O) /A20 (output)
PF3 (I/O) /A19 (output)
PF2 (I/O) /A18 (output)
PF1 (I/O) /A17 (output)
WRL (output)
PF15 (I/O)
ROM disabled
expansion mode
ROM enabled
expansion mode
Single-
chip mode
PF14 (I/O)
PF13 (I/O)
PF12 (I/O)
PF11 (I/O)
PF10 (I/O)
PF9 (I/O)
PF8 (I/O)
PF7 (I/O)
PF5 (I/O) /
POD (input)
PF4 (I/O)
PF3 (I/O)
PF2 (I/O)
PF1 (I/O)
A16 (output)
PF0 (I/O) /A16 (output)
PF0 (I/O)
PF6 (I/O)
Figure 19.6 Port F
19.7.1
Register Configuration
The port F register configuration is shown in table 19.11.
Table 19.11 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port F data register
PFDR
R/W
H'0000
H'FFFFF74E
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com