Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 696 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 696 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 692Page - Renesas Technology Corp SH7052 Datasheet HTML 693Page - Renesas Technology Corp SH7052 Datasheet HTML 694Page - Renesas Technology Corp SH7052 Datasheet HTML 695Page - Renesas Technology Corp SH7052 Datasheet HTML 696Page - Renesas Technology Corp SH7052 Datasheet HTML 697Page - Renesas Technology Corp SH7052 Datasheet HTML 698Page - Renesas Technology Corp SH7052 Datasheet HTML 699Page - Renesas Technology Corp SH7052 Datasheet HTML 700Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 696 / 919 page
background image
670
19.6
Port E
Port E is an input/output port with the 16 pins shown in figure 19.5.
A15 (output)
A14 (output)
A13 (output)
A12 (output)
A11 (output)
A10 (output)
A9 (output)
A8 (output)
A7 (output)
A5 (output)
A4 (output)
A3 (output)
A2 (output)
A1 (output)
A0 (output)
A6 (output)
Port E
PE15 (I/O) /A15 (output)
PE14 (I/O) /A14 (output)
PE13 (I/O) /A13 (output)
PE12 (I/O) /A12 (output)
PE11 (I/O) /A11 (output)
PE10 (I/O) /A10 (output)
PE9 (I/O) /A9 (output)
PE8 (I/O) /A8 (output)
PE7 (I/O) /A7 (output)
PE5 (I/O) /A5 (output)
PE4 (I/O) /A4 (output)
PE3 (I/O) /A3 (output)
PE2 (I/O) /A2 (output)
PE1 (I/O) /A1 (output)
PE0 (I/O) /A0 (output)
PE6 (I/O) /A6 (output)
PE15 (I/O)
ROM disabled
expansion mode
ROM enabled
expansion mode
Single-
chip mode
PE14 (I/O)
PE13 (I/O)
PE12 (I/O)
PE11 (I/O)
PE10 (I/O)
PE9 (I/O)
PE8 (I/O)
PE7 (I/O)
PE5 (I/O)
PE4 (I/O)
PE3 (I/O)
PE2 (I/O)
PE1 (I/O)
PE0 (I/O)
PE6 (I/O)
Figure 19.5 Port E
19.6.1
Register Configuration
The port E register configuration is shown in table 19.9.
Table 19.9
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port E data register
PEDR
R/W
H'0000
H'FFFFF754
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com