Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 693 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 693 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 689Page - Renesas Technology Corp SH7052 Datasheet HTML 690Page - Renesas Technology Corp SH7052 Datasheet HTML 691Page - Renesas Technology Corp SH7052 Datasheet HTML 692Page - Renesas Technology Corp SH7052 Datasheet HTML 693Page - Renesas Technology Corp SH7052 Datasheet HTML 694Page - Renesas Technology Corp SH7052 Datasheet HTML 695Page - Renesas Technology Corp SH7052 Datasheet HTML 696Page - Renesas Technology Corp SH7052 Datasheet HTML 697Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 693 / 919 page
background image
667
When a pin functions as a general output, if a value is written to PCDR, that value is output
directly from the pin, and if PCDR is read, the register value is returned directly regardless of the
pin state.
When a pin functions as a general input, if PCDR is read the pin state, not the register value, is
returned directly. If a value is written to PCDR, although that value is written into PCDR it does
not affect the pin state. Table 19.6 summarizes port C data register read/write operations.
PCDR is initialized to H'0000 by a power-on reset (excluding a WDT power-on reset), and in
hardware standby mode. It is not initialized in software standby mode or sleep mode.
• Bits 15 to 5—Reserved: These bits always read 0. The write value should always be 0.
Table 19.6
Port C Data Register (PCDR) Read/Write Operations
Bits 4 to 0:
PCIOR
Pin Function
Read
Write
0
General input
Pin state
Value is written to PCDR, but does not affect pin
state
Other than
general input
Pin state
Value is written to PCDR, but does not affect pin
state
1
General output
PCDR value
Write value is output from pin
Other than
general output
PCDR value
Value is written to PCDR, but does not affect pin
state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com