Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 692 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 692 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 688Page - Renesas Technology Corp SH7052 Datasheet HTML 689Page - Renesas Technology Corp SH7052 Datasheet HTML 690Page - Renesas Technology Corp SH7052 Datasheet HTML 691Page - Renesas Technology Corp SH7052 Datasheet HTML 692Page - Renesas Technology Corp SH7052 Datasheet HTML 693Page - Renesas Technology Corp SH7052 Datasheet HTML 694Page - Renesas Technology Corp SH7052 Datasheet HTML 695Page - Renesas Technology Corp SH7052 Datasheet HTML 696Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 692 / 919 page
background image
666
19.4
Port C
Port C is an input/output port with the 5 pins shown in figure 19.3.
PC4 (I/O) /
IRQ0 (input)
PC3 (I/O) /RxD2 (input)
PC2 (I/O) /TxD2 (output)
PC1 (I/O) /RxD1 (input)
PC0 (I/O) /TxD1 (output)
Port C
Figure 19.3 Port C
19.4.1
Register Configuration
The port C register configuration is shown in table 19.5.
Table 19.5
Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port C data register
PCDR
R/W
H'0000
H'FFFFF73E
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.
19.4.2
Port C Data Register (PCDR)
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
PC4
DR
PC3
DR
PC2
DR
PC1
DR
PC0
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
The port C data register (PCDR) is a 16-bit readable/writable register that stores port C data. Bits
PC4DR to PC0DR correspond to pins PC4/
IRQ0 to PC0/TxD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com