Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 702 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 702 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 698Page - Renesas Technology Corp SH7052 Datasheet HTML 699Page - Renesas Technology Corp SH7052 Datasheet HTML 700Page - Renesas Technology Corp SH7052 Datasheet HTML 701Page - Renesas Technology Corp SH7052 Datasheet HTML 702Page - Renesas Technology Corp SH7052 Datasheet HTML 703Page - Renesas Technology Corp SH7052 Datasheet HTML 704Page - Renesas Technology Corp SH7052 Datasheet HTML 705Page - Renesas Technology Corp SH7052 Datasheet HTML 706Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 702 / 919 page
background image
676
19.8
Port G
Port G is an input/output port with the 4 pins shown in figure 19.7.
PG3 (I/O) /
IRQ3 (input) /ADTRG0 (input)
PG2 (I/O) /
IRQ2 (input)
PG1 (I/O) /
IRQ1 (input)
PG0 (I/O) /PULS7 (output) /HRxD (input)
Port G
Figure 19.7 Port G
19.8.1
Register Configuration
The port G register configuration is shown in table 19.13.
Table 19.13 Register Configuration
Name
Abbreviation
R/W
Initial Value
Address
Access Size
Port G data register
PGDR
R/W
H'0000
H'FFFFF764
8, 16
Note:
A register access is performed in four or five cycles regardless of the access size.
19.8.2
Port G Data Register (PGDR)
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
——
——
PG3
DR
PG2
DR
PG1
DR
PG0
DR
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
The port G data register (PGDR) is a 16-bit readable/writable register that stores port G data. Bits
PG3DR to PG0DR correspond to pins PG3/
IRQ3/ADTRG0 to PG0/PULS7/HRxD0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com