Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 727 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 727 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 723Page - Renesas Technology Corp SH7052 Datasheet HTML 724Page - Renesas Technology Corp SH7052 Datasheet HTML 725Page - Renesas Technology Corp SH7052 Datasheet HTML 726Page - Renesas Technology Corp SH7052 Datasheet HTML 727Page - Renesas Technology Corp SH7052 Datasheet HTML 728Page - Renesas Technology Corp SH7052 Datasheet HTML 729Page - Renesas Technology Corp SH7052 Datasheet HTML 730Page - Renesas Technology Corp SH7052 Datasheet HTML 731Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 727 / 919 page
background image
701
20.5.5
RAM Emulation Register (RAMER)
RAMER specifies the area of flash memory to be overlapped with part of RAM when emulating
real-time flash memory programming. RAMER is initialized to H'0000 by a power-on reset and in
hardware standby mode. It is not initialized in software standby mode. RAMER settings should be
made in user mode or user program mode.
Flash memory area divisions are shown in table 20.5. To ensure correct operation of the emulation
function, the ROM for which RAM emulation is performed should not be accessed immediately
after this register has been modified. Normal execution of an access immediately after register
modification is not guaranteed.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
RAMS
RAM2
RAM1
RAM0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
• Bits 15 to 4—Reserved: These bits always read 0. The write value should always be 0.
• Bit 3—RAM Select (RAMS): Specifies selection or non-selection of flash memory emulation
in RAM. When RAMS = 1, all flash memory block are program/erase-protected.
Bit 3: RAMS
Description
0
Emulation not selected
(Initial value)
Program/erase-protection of all flash memory blocks is disabled
1
Emulation selected
Program/erase-protection of all flash memory blocks is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com