Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 729 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 729 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 725Page - Renesas Technology Corp SH7052 Datasheet HTML 726Page - Renesas Technology Corp SH7052 Datasheet HTML 727Page - Renesas Technology Corp SH7052 Datasheet HTML 728Page - Renesas Technology Corp SH7052 Datasheet HTML 729Page - Renesas Technology Corp SH7052 Datasheet HTML 730Page - Renesas Technology Corp SH7052 Datasheet HTML 731Page - Renesas Technology Corp SH7052 Datasheet HTML 732Page - Renesas Technology Corp SH7052 Datasheet HTML 733Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 729 / 919 page
background image
703
20.6
On-Board Programming Modes
When pins are set to on-board programming mode and a reset-start is executed, a transition is
made to the on-board programming state in which program/erase/verify operations can be
performed on the on-chip flash memory. There are two on-board programming modes: boot mode
and user program mode. The pin settings for transition to each of these modes are shown in table
20.6. For a diagram of the transitions to the various flash memory modes, see figure 20.2.
Table 20.6
Setting On-Board Programming Modes
Mode
PLL Multiple
FWE
MD2
MD1
MD0
Boot mode
Expanded mode
× 4
1100
Single-chip mode
1
0
1
User program
Expanded mode
1110
mode
Single-chip mode
1
1
1
20.6.1
Boot Mode
When boot mode is used, the flash memory programming control program must be prepared in the
host beforehand. The SCI channel to be used is set to asynchronous mode.
When a reset-start is executed after the SH7052F/SH7053F’s pins have been set to boot mode, the
boot program built into the SH7052F/SH7053F is started and the programming control program
prepared in the host is serially transmitted to the SH7052F/SH7053F via the SCI. In the
SH7052F/SH7053F, the programming control program received via the SCI is written into the
programming control program area in on-chip RAM. After the transfer is completed, control
branches to the start address of the programming control program area and the programming
control program execution state is entered (flash memory programming is performed).
The transferred programming control program must therefore include coding that follows the
programming algorithm given later.
The system configuration in boot mode is shown in figure 20.8, and the boot mode execution
procedure in figure 20.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com