Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 732 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 732 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 728Page - Renesas Technology Corp SH7052 Datasheet HTML 729Page - Renesas Technology Corp SH7052 Datasheet HTML 730Page - Renesas Technology Corp SH7052 Datasheet HTML 731Page - Renesas Technology Corp SH7052 Datasheet HTML 732Page - Renesas Technology Corp SH7052 Datasheet HTML 733Page - Renesas Technology Corp SH7052 Datasheet HTML 734Page - Renesas Technology Corp SH7052 Datasheet HTML 735Page - Renesas Technology Corp SH7052 Datasheet HTML 736Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 732 / 919 page
background image
706
Automatic SCI Bit Rate Adjustment
Start
bit
Stop
bit
D0
D1
D2
D3
D4
D5
D6
D7
Low period (9 bits) measured (H'00 data)
High period
(1 or more bits)
Figure 20.10 Automatic SCI Bit Rate Ajustment
When boot mode is initiated, the SH7052F/SH7053F measures the low period of the asynchronous
SCI communication data (H'00) transmitted continuously from the host. The SCI transmit/receive
format should be set as follows: 8-bit data, 1 stop bit, no parity. The SH7052F/SH7053F calculates
the bit rate of the transmission from the host from the measured low period, and transmits one
H'00 byte to the host to indicate the end of bit rate adjustment. The host should confirm that this
adjustment end indication (H'00) has been received normally, and transmit one H'55 byte to the
SH7052F/SH7053F. If reception cannot be performed normally, initiate boot mode again (reset),
and repeat the above operations. Depending on the host’s transmission bit rate and the
SH7052F/SH7053F’s system clock frequency, there will be a discrepancy between the bit rates of
the host and the SH7052F/SH7053F. Set the host transfer bit rate at 9,600 or 19,200 bps to operate
the SCI properly.
Table 20.7 shows host transfer bit rates and system clock frequencies for which automatic
adjustment of the SH7052F/SH7053F bit rate is possible. The boot program should be executed
within this system clock range.
Table 20.7
System Clock Frequencies for which Automatic Adjustment of
SH7052F/SH7053F Bit Rate is Possible
Host Bit Rate
System Clock Frequency for Which Automatic Adjustment
of SH7052F/SH7053F Bit Rate is Possible
9,600 bps
20 to 40 MHz (input frequency: 5 to 10 MHz)
19,200 bps
20 to 40 MHz (input frequency: 5 to 10 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com