Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 734 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 734 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 730Page - Renesas Technology Corp SH7052 Datasheet HTML 731Page - Renesas Technology Corp SH7052 Datasheet HTML 732Page - Renesas Technology Corp SH7052 Datasheet HTML 733Page - Renesas Technology Corp SH7052 Datasheet HTML 734Page - Renesas Technology Corp SH7052 Datasheet HTML 735Page - Renesas Technology Corp SH7052 Datasheet HTML 736Page - Renesas Technology Corp SH7052 Datasheet HTML 737Page - Renesas Technology Corp SH7052 Datasheet HTML 738Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 734 / 919 page
background image
708
20.6.2
User Program Mode
After setting FWE, the user should branch to, and execute, the previously prepared
programming/erase control program.
Use the following procedure (figure 20.12) to execute the programming control program that
writes to flash memory (when transferred to RAM).
Execute user application
program
Execute programming/
erase control program in RAM
(flash memory rewriting)
Transfer programming/erase
control program to RAM
FWE = 1
(user program mode)
Write FWE assessment program
and transfer program
1
2
3
4
5
Figure 20.12 User Program Mode Execution Procedure
Note:
When programming and erasing, start the watchdog timer so that measures can be taken to
prevent program runaway, etc. Memory cells may not operate normally if
overprogrammed or overerased due to program runaway.
20.7
Programming/Erasing Flash Memory
A software method, using the CPU, is employed to program and erase flash memory in the on-
board programming modes. There are four flash memory operating modes: program mode, erase
mode, program-verify mode, and erase-verify mode. Transitions to these modes are made by
setting the PSU1, ESU1, P1, E1, PV1, and EV1 bits in FLMCR1.
The flash memory cannot be read while it is being written or erased. Install the program to control
flash memory programming and erasing (programming control program) in the on-chip RAM, in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com