Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 842 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 842 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 838Page - Renesas Technology Corp SH7052 Datasheet HTML 839Page - Renesas Technology Corp SH7052 Datasheet HTML 840Page - Renesas Technology Corp SH7052 Datasheet HTML 841Page - Renesas Technology Corp SH7052 Datasheet HTML 842Page - Renesas Technology Corp SH7052 Datasheet HTML 843Page - Renesas Technology Corp SH7052 Datasheet HTML 844Page - Renesas Technology Corp SH7052 Datasheet HTML 845Page - Renesas Technology Corp SH7052 Datasheet HTML 846Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 842 / 919 page
background image
816
Table 24.4
DC Characteristics (cont)
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Typ
Max
Unit
Measurement
Conditions
Schmitt
trigger input
voltage
TI0A to TI0D,
TIO1A to TIO1H,
TIO2A to TIO2H,
TIO3A to TIO3D,
TIO4A to TIO4D,
TIO5A to TIO5D,
TI9A to TI9F, TI10,
TCLKA, TCLKB,
ADTRG0,
SCK0 to SCK2,
IRQ0 to IRQ3 and
when these pins are
selected as I/O ports
(V
IH)
V
T
+
4.0
—
(PV
CC2
+ 0.3)
V
Refer to table
24.2
(V
IL)
V
T
–
(–0.3)
—
1.0
V
V
T
+ – V
T
–
0.4
—
—
V
Input leak
current
RES, NMI, FWE,
MD2 to 0,
HSTBY,
| lin |
—
—
1.0
µA
Vin = 0.5 V to
5.5 + 0.3 V
EXTAL (Standby)
—
—
1.0
µA
Vin = 0.5 V to
V
CC – 0.5 V
AUDMD, AUDCK,
AUDSYNC,
AUDATA3 to 0
(Standby)
—
—
1.0
µA
Vin = 0.5 V to
PV
CC2 – 0.5 V
AUDRST (Standby)
—
—
1.0
µA
Vin = 0.5 V to
PV
CC2 – 0.5 V
A/D port
—
—
0.2
µA
Vin = 0.5 V to
AV
CC – 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com