Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 844 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 844 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 840Page - Renesas Technology Corp SH7052 Datasheet HTML 841Page - Renesas Technology Corp SH7052 Datasheet HTML 842Page - Renesas Technology Corp SH7052 Datasheet HTML 843Page - Renesas Technology Corp SH7052 Datasheet HTML 844Page - Renesas Technology Corp SH7052 Datasheet HTML 845Page - Renesas Technology Corp SH7052 Datasheet HTML 846Page - Renesas Technology Corp SH7052 Datasheet HTML 847Page - Renesas Technology Corp SH7052 Datasheet HTML 848Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 844 / 919 page
background image
818
Table 24.4
DC Characteristics (cont)
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Typ
Max
Unit
Measurement
Conditions
Output low-
level voltage
A21 to A0, D15 to D0,
CS3 to CS0, WRH,
WRL, RD, BACK
(When in MCU
expansion mode)
V
OL
—
—
0.4
V
I
OL = 1.6 mA
PV
CC1 = 3.3 V ±
0.3 V
PE15 to PE0,
PF15 to PF0,
PH15 to PH0
(When in MCU
expansion mode)
—
—
0.4
V
I
OL = 1.6 mA
PV
CC1 = 3.3 V ±
0.3 V
CK
—
—
0.4
V
I
OL = 1.6 mA
Other output pins
(except XTAL)
—
—
0.4
V
I
OL = 1.6 mA
—
—
1.2
V
I
OL
= 6 mA
Input
capacitance
RES
Cin
—
—
60
pF
Vin = 0 V
f = 1 MHz
NMI
—
—
30
pF
T
a = 25°C
All other input pins
—
—
20
pF
Current
consumption
Normal operation
I
CC
—
120
170
mA
f = 40 MHz
Sleep
—
100
150
mA
Standby
—
1
100
µAT
a ≤ 50 °C
—
—
500
µA50°C < Ta
Write operation
—
130
170
mA
V
CC = 3.3 V
f = 40 MHz
Analog
supply
current
During A/D
conversion
Al
CC
—1.25
mA
Awaiting A/D
conversion, standby
—1.05
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com