Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 868 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 868 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 864Page - Renesas Technology Corp SH7052 Datasheet HTML 865Page - Renesas Technology Corp SH7052 Datasheet HTML 866Page - Renesas Technology Corp SH7052 Datasheet HTML 867Page - Renesas Technology Corp SH7052 Datasheet HTML 868Page - Renesas Technology Corp SH7052 Datasheet HTML 869Page - Renesas Technology Corp SH7052 Datasheet HTML 870Page - Renesas Technology Corp SH7052 Datasheet HTML 871Page - Renesas Technology Corp SH7052 Datasheet HTML 872Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 868 / 919 page
background image
842
AUDCK
(input)
AUDATA3 to 0
(output)
AUDATA3 to 0
(input)
AUDSYNC
(input)
tRMDD
tRMDS
tRMSS
tRMDH
tRMCYC
tRMCKW
tRMDHD
tRMSH
Figure 24.22 RAM Monitor Mode Timing
24.3.12
UBC Trigger Timing
Table 24.17 shows UBC trigger timing.
Table 24.17 UBC Trigger Timing
Conditions: V
CC = PLLVCC = 3.3 V ±0.3 V, PVCC1 = 5.0 V ±0.5 V/3.3 V ±0.3 V,
PV
CC2 = 5.0 V ±0.5 V, AVCC = 5.0 V ±0.5 V, AVref = 4.5 V to AVCC,
V
SS = PLLVSS = AVSS = 0 V, Ta = –40°C to 85°C.
When PV
CC1 = 3.3 V ±0.3 V, VCC = PVCC1.
When writing or erasing flash EEPROM, T
a = –40°C to 85°C.
Item
Symbol
Min
Max
Unit
Figures
UBCTRG delay time
t
UBCTGD
—
35
ns
Figure 24.23
VOH
CK
UBCTRG
tUBCTGD
Figure 24.23 UBC Trigger Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com