Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7052 Datasheet(PDF) 869 Page - Renesas Technology Corp

Part # SH7052
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7052 Datasheet(HTML) 869 Page - Renesas Technology Corp

Back Button SH7052 Datasheet HTML 865Page - Renesas Technology Corp SH7052 Datasheet HTML 866Page - Renesas Technology Corp SH7052 Datasheet HTML 867Page - Renesas Technology Corp SH7052 Datasheet HTML 868Page - Renesas Technology Corp SH7052 Datasheet HTML 869Page - Renesas Technology Corp SH7052 Datasheet HTML 870Page - Renesas Technology Corp SH7052 Datasheet HTML 871Page - Renesas Technology Corp SH7052 Datasheet HTML 872Page - Renesas Technology Corp SH7052 Datasheet HTML 873Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 869 / 919 page
background image
843
24.3.13
Measuring Conditions for AC Characteristics
Input reference levels
High level: V
IH min. value, Low level: VIL max. value
Output reference level
High level: 2.0 V, Low level: 0.8 V
IOL
IOH
CL
VREF
V
DUT output
LSI output pin
CLis a total value that includes the measuring instrument capacitance.
The following CL values are used:
30 pF:
CK,
CS3 to CS0, BREQ, BACK, AUDCK
50 pF:
A21 to A0, D15 to D0,
RD, WRH, WRL
100 pF: AUDATA3 to 0,
AUDSYNC
30 pF:
All other port output pins and supporting module output pins
IOL and IOH are the condition for the IOL = 1.6 mA, IOH = 200 µA.
Figure 24.24 Output Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com