| Electronic Components Datasheet Search |
|
SH7052 Datasheet(PDF) 144 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7052 Datasheet(HTML) 144 Page - Renesas Technology Corp |
|
144 / 919 page ![]() 118 Table 8.2 Register Configuration Name Abbr. R/W Initial Value Address Access Size Bus control register 1 BCR1 R/W H'000F H'FFFFEC20 8, 16, 32 Bus control register 2 BCR2 R/W H'FFFF H'FFFFEC22 8, 16, 32 Wait state control register WCR R/W H'FFFF H'FFFFEC24 8, 16, 32 RAM emulation register RAMER R/W H'0000 H'FFFFEC26 8, 16, 32 Note: In register access, three cycles are required for byte access and word access, and six cycles for longword access. 8.1.5 Address Map Figure 8.2 shows the address format used by the SH7052F/SH7053F/SH7054F. A31 to A24 A23, A22 A21 Output address: Output from the address pins Space selection: Not output externally; used to select the type of space On-chip ROM space or CS0 to CS3 space when 00000000 (H'00) Reserved (do not access) when 00000001 to 11111110 (H'01 to H'FE) On-chip peripheral module space or on-chip RAM space when 11111111 (H'FF) CS space selection: Decoded, outputs CS0 to CS3 when A31 to A24 = 00000000 A0 Figure 8.2 Address Format This chip uses 32-bit addresses: • Bits A31 to A24 are used to select the type of space and are not output externally. • Bits A23 and A22 are decoded and output as chip select signals (CS0 to CS3) for the corresponding areas when bits A31 to A24 are 00000000. • A21 to A0 are output externally. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |