Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH-2 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 91Page - Renesas Technology Corp SH-2 Datasheet HTML 92Page - Renesas Technology Corp SH-2 Datasheet HTML 93Page - Renesas Technology Corp SH-2 Datasheet HTML 94Page - Renesas Technology Corp SH-2 Datasheet HTML 95Page - Renesas Technology Corp SH-2 Datasheet HTML 96Page - Renesas Technology Corp SH-2 Datasheet HTML 97Page - Renesas Technology Corp SH-2 Datasheet HTML 98Page - Renesas Technology Corp SH-2 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 919 page
background image
69
5.4.2
Interrupt Priority Level
The interrupt priority order is predetermined. When multiple interrupts occur simultaneously
(overlap), the interrupt controller (INTC) determines their relative priorities and starts up
processing according to the results.
The priority order of interrupts is expressed as priority levels 0 to 16, with priority 0 the lowest
and priority 16 the highest. The NMI interrupt has priority 16 and cannot be masked, so it is
always accepted. The user break interrupt and H-UDI interrupt priority level is 15. IRQ interrupts
and on-chip peripheral module interrupt priority levels can be set freely using the INTC’s interrupt
priority registers A, C to L (IPRA, IPRC to IPRL) as shown in table 5.8. The priority levels that
can be set are 0 to 15. Level 16 cannot be set. See section 6.3.1, Interrupt Priority Registers A, C
to L (IPRA, IPRC to IPRL), for details of the interrupt priority registers.
Table 5.8
Interrupt Priority Order
Type
Priority Level
Comment
NMI
16
Fixed priority level. Cannot be masked.
User break
15
Fixed priority level.
IRQ
0 to 15
Set with interrupt priority level setting registers A
and C through L (IPRA, IPRC to IPRL).
On-chip peripheral module
0 to 15
Set with interrupt priority level setting registers A
and C through L (IPRA, IPRC to IPRL).
5.4.3
Interrupt Exception Processing
When an interrupt occurs, its priority level is ascertained by the interrupt controller (INTC). NMI
is always accepted, but other interrupts are only accepted if they have a priority level higher than
the priority level set in the interrupt mask bits (I3 to I0) of the status register (SR).
When an interrupt is accepted, exception processing begins. In interrupt exception processing, the
CPU saves SR and the program counter (PC) to the stack. The priority level value of the accepted
interrupt is written to SR bits I3 to I0. For NMI, however, the priority level is 16, but the value set
in I3 to I0 is H'F (level 15). Next, the start address of the exception service routine is fetched from
the exception processing vector table for the accepted interrupt, that address is jumped to and
execution begins. See section 6.4, Interrupt Operation, for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com