Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH-2 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 23Page - Renesas Technology Corp SH-2 Datasheet HTML 24Page - Renesas Technology Corp SH-2 Datasheet HTML 25Page - Renesas Technology Corp SH-2 Datasheet HTML 26Page - Renesas Technology Corp SH-2 Datasheet HTML 27Page - Renesas Technology Corp SH-2 Datasheet HTML 28Page - Renesas Technology Corp SH-2 Datasheet HTML 29Page - Renesas Technology Corp SH-2 Datasheet HTML 30Page - Renesas Technology Corp SH-2 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 919 page
background image
1
Section 1 Overview
1.1
Features
The SH7052F/SH7053F/SH7054F is a single-chip RISC microcontroller that integrates a RISC
CPU core using an original Hitachi architecture with peripheral functions required for system
configuration.
The CPU has a RISC-type instruction set. Basic instructions can be executed in one state (one
system clock cycle), which greatly improves instruction execution speed. In addition, the 32-bit
internal architecture enhances data processing power. With this CPU, it has become possible to
assemble low-cost, high-performance/high-functionality systems even for applications such as
real-time control, which could not previously be handled by microcontrollers because of their
high-speed processing requirements.
In addition, the SH7052F/SH7053F/SH7054F includes on-chip peripheral functions necessary for
system configuration, such as ROM , RAM, a direct memory access controller (DMAC), timers, a
serial communication interface (SCI), Hitachi controller area network (HCAN), A/D converter,
interrupt controller (INTC), and I/O ports.
ROM and SRAM can be directly connected by means of an external memory access support
function, greatly reducing system cost.
On-chip ROM is available as flash memory in the F-ZTAT™* (Flexible Zero Turn Around Time)
version. The flash memory can be programmed with a programmer that supports
SH7052F/SH7053F/SH7054F programming, and can also be programmed and erased by software.
This enables the chip to be programmed at the user site while mounted on a board.
The features of the SH7052F/SH7053F/SH7054F are summarized in table 1.1.
Note
: * F-ZTAT is a trademark of Hitachi, Ltd.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com