Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH-2 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH-2
Description  SuperHTM RISC engine
PDF  919 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH-2 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH-2 Datasheet HTML 100Page - Renesas Technology Corp SH-2 Datasheet HTML 101Page - Renesas Technology Corp SH-2 Datasheet HTML 102Page - Renesas Technology Corp SH-2 Datasheet HTML 103Page - Renesas Technology Corp SH-2 Datasheet HTML 104Page - Renesas Technology Corp SH-2 Datasheet HTML 105Page - Renesas Technology Corp SH-2 Datasheet HTML 106Page - Renesas Technology Corp SH-2 Datasheet HTML 107Page - Renesas Technology Corp SH-2 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 919 page
background image
78
6.2
Interrupt Sources
There are five types of interrupt sources: NMI, user breaks, H-UDI, IRQ, and on-chip peripheral
modules. Each interrupt has a priority expressed as a priority level (0 to 16, with 0 the lowest and
16 the highest). Giving an interrupt a priority level of 0 masks it.
6.2.1
NMI Interrupts
The NMI interrupt has priority 16 and is always accepted. Input at the NMI pin is detected by
edge. Use the NMI edge select bit (NMIE) in the interrupt control register (ICR) to select either
the rising or falling edge. NMI interrupt exception processing sets the interrupt mask level bits (I3
to I0) in the status register (SR) to level 15.
6.2.2
User Break Interrupt
A user break interrupt has a priority of level 15, and occurs when the break condition set in the
user break controller (UBC) is satisfied. User break interrupt requests are detected by edge and are
held until accepted. User break interrupt exception processing sets the interrupt mask level bits (I3
to I0) in the status register (SR) to level 15. For more information about the user break interrupt,
see section 7, User Break Controller.
6.2.3
IRQ Interrupts
IRQ interrupts are requested by input from pins
IRQ0 to IRQ3. Set the IRQ sense select bits
(IRQ0S to IRQ3S) of the interrupt control register (ICR) to select low level detection or falling
edge detection for each pin. The priority level can be set from 0 to 15 for each pin using interrupt
priority registers A and B (IPRA to IPRB).
When IRQ interrupts are set to low level detection, an interrupt request signal is sent to the INTC
during the period the IRQ pin is low. Interrupt request signals are not sent to the INTC when the
IRQ pin becomes high. Interrupt request levels can be confirmed by reading the IRQ flags (IRQ0F
to IRQ3F) of the IRQ status register (ISR).
When IRQ interrupts are set to falling edge detection, interrupt request signals are sent to the
INTC upon detecting a change on the IRQ pin from high to low level. IRQ interrupt request
detection results are maintained until the interrupt request is accepted. Confirmation that IRQ
interrupt requests have been detected is possible by reading the IRQ flags (IRQ0F to IRQ3F) of
the IRQ status register (ISR), and by writing a 0 after reading a 1, IRQ interrupt request detection
results can be withdrawn.
In IRQ interrupt exception processing, the interrupt mask bits (I3 to I0) of the status register (SR)
are set to the priority level value of the accepted IRQ interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com