Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7660 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SH7660
Description  Renesas 32-Bit RISC Microcomputer
PDF  846 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7660 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SH7660 Datasheet HTML 35Page - Renesas Technology Corp SH7660 Datasheet HTML 36Page - Renesas Technology Corp SH7660 Datasheet HTML 37Page - Renesas Technology Corp SH7660 Datasheet HTML 38Page - Renesas Technology Corp SH7660 Datasheet HTML 39Page - Renesas Technology Corp SH7660 Datasheet HTML 40Page - Renesas Technology Corp SH7660 Datasheet HTML 41Page - Renesas Technology Corp SH7660 Datasheet HTML 42Page - Renesas Technology Corp SH7660 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 846 page
background image
Rev. 1.00, 02/04, page 1 of 804
Section 1 Overview
1.1
SH7660 Features
This LSI is a RISC (Reduced Instruction Set Computer) microcomputer that integrates a 32-bit
RISC-type SuperH architecture CPU and digital signal processing (DSP) extended function as its
core, together with 16-kbyte cache memory, 16-kbyte X/Y memory, and 128-kbyte U memory, as
well as peripheral functions required for system configuration such as an interrupt controller.
High-speed data transfers can be performed by an on-chip direct memory access controller
(DMAC) and a direct connection to various memories can be performed by the external memory
access support function. Moreover, this LSI also includes powerful peripheral functions that are
essential to system configuration, such as the USB (host/function), high-speed (921 kbits/s)
asynchronous serial interface circuit, voice/audio CODEC serial interface circuit, and D/A
converter.
This LSI also supports the Bluetooth
TM interface as one of peripheral functions and provides the
Bluetooth protocol stack function including firmware up to the HCI layer as a standard function.
Moreover, this LSI has extra processing power to perform the upper protocol stack and various
application profiles to implement the whole Bluetooth baseband functions. The API is also
provided to handle the protocol stack function below the HCI layer so that this Bluetooth interface
can easily be handled like the conventional peripheral functions. This Bluetooth interface can be
connected directly to the RF chip such as the HD157100NP or HD157102NP (manufactured by
Renesas Technology).
Note:
Bluetooth is a registered trademark of Bluetooth SIG, Inc., USA. Renesas Technology
uses Bluetooth by entering into licensing agreements.
The features of this LSI are listed in table 1.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com