Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7660 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # SH7660
Description  Renesas 32-Bit RISC Microcomputer
PDF  846 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7660 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button SH7660 Datasheet HTML 82Page - Renesas Technology Corp SH7660 Datasheet HTML 83Page - Renesas Technology Corp SH7660 Datasheet HTML 84Page - Renesas Technology Corp SH7660 Datasheet HTML 85Page - Renesas Technology Corp SH7660 Datasheet HTML 86Page - Renesas Technology Corp SH7660 Datasheet HTML 87Page - Renesas Technology Corp SH7660 Datasheet HTML 88Page - Renesas Technology Corp SH7660 Datasheet HTML 89Page - Renesas Technology Corp SH7660 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 846 page
background image
Rev. 1.00, 02/04, page 48 of 804
Literal Constant: Byte literal constant is placed inside the instruction code as immediate data.
Since the instruction length is fixed to 16 bits, word or longword literal constant is not placed
inside the instruction code, but stored as a table in main memory. The table in memory is
referenced with a MOV instruction using PC-relative addressing mode with displacement. An
example is shown below.
MOV.W
@(disp, PC), R0
Absolute Addresses: The absolute address value should be placed in a table in main memory as
well as word or longword literal constant. This value is transferred to a register and the operand
access is specified using indexed register indirect addressing mode. The absolute address value is
stored in a register during execution of an instruction. This is also applied to the word or longword
immediate data.
16-Bit/32-Bit Displacement: When data is referenced with a 16- or 32-bit displacement, the
displacement value is placed in a table in memory beforehand. As well as the absolute addresses,
this value is transferred to a register and the operand access is specified using indexed register
indirect addressing mode. The displacement value is stored in a register during execution of an
instruction. This is also applied to the word or longword immediate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com