Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4501 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 42Page - Renesas Technology Corp 4501 Datasheet HTML 43Page - Renesas Technology Corp 4501 Datasheet HTML 44Page - Renesas Technology Corp 4501 Datasheet HTML 45Page - Renesas Technology Corp 4501 Datasheet HTML 46Page - Renesas Technology Corp 4501 Datasheet HTML 47Page - Renesas Technology Corp 4501 Datasheet HTML 48Page - Renesas Technology Corp 4501 Datasheet HTML 49Page - Renesas Technology Corp 4501 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 212 page
background image
FUNCTION BLOCK OPERATIONS
1-34
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
Q13
Q12
A/D control register Q1
A/D operation mode selection bit
Not used
Analog input pin selection bits
at reset : 00002
at RAM back-up : state retained
0
1
0
1
Q11
0
0
1
1
A/D conversion mode
Comparator mode
This bit has no function, but read/write is enabled.
Selected pins
AIN0
AIN1
Not available
Not available
Note: “R” represents read enabled, and “W” represents write enabled.
Q10
0
1
0
1
(1) Operating at A/D conversion mode
The A/D conversion mode is set by setting the bit 3 of register Q1 to “0.”
(2) Successive comparison register AD
Register AD stores the A/D conversion result of an analog input in
10-bit digital data format. The contents of the high-order 8 bits of
this register can be stored in register B and register A with the
TABAD instruction. The contents of the low-order 2 bits of this reg-
ister can be stored into the high-order 2 bits of register A with the
TALA instruction. However, do not execute these instructions dur-
ing A/D conversion.
When the contents of register AD is n, the logic value of the com-
parison voltage Vref generated from the built-in DA converter can
be obtained with the reference voltage VDD by the following for-
mula:
Logic value of comparison voltage Vref
Vref =
✕ n
n: The value of register AD (n = 0 to 1023)
VDD
1024
R/W
Table 12 A/D control registers
(3) A/D conversion completion flag (ADF)
A/D conversion completion flag (ADF) is set to “1” when A/D con-
version completes. The state of ADF flag can be examined with the
skip instruction (SNZAD). Use the interrupt control register V2 to
select the interrupt or the skip instruction.
The ADF flag is cleared to “0” when the interrupt occurs or when
the next instruction is skipped with the skip instruction.
(4) A/D conversion start instruction (ADST)
A/D conversion starts when the ADST instruction is executed. The
conversion result is automatically stored in the register AD.
(5) A/D control register Q1
Register Q1 is used to select the operation mode and one of ana-
log input pins.
Q11
Q10
(6) Operation description
A/D conversion is started with the A/D conversion start instruction
(ADST). The internal operation during A/D conversion is as follows:
➀ When the A/D conversion starts, the register AD is cleared to
“00016.”
➁ Next, the topmost bit of the register AD is set to “1,” and the
comparison voltage Vref is compared with the analog input volt-
age VIN.
➂ When the comparison result is Vref < VIN, the topmost bit of the
register AD remains set to “1.” When the comparison result is
Vref > VIN, it is cleared to “0.”
The 4501 Group repeats this operation to the lowermost bit of the
register AD to convert an analog value to a digital value. A/D con-
version stops after 62 machine cycles (46.5
µs when f(XIN) = 4.0
MHz in high-speed mode) from the start, and the conversion result
is stored in the register AD. An A/D interrupt activated condition is
satisfied and the ADF flag is set to “1” as soon as A/D conversion
completes (Figure 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com