Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4501 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 4501
Description  4-BIT CISC SINGLE-CHIP MICROCOMPUTER 4500 SERIES
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4501 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 4501 Datasheet HTML 24Page - Renesas Technology Corp 4501 Datasheet HTML 25Page - Renesas Technology Corp 4501 Datasheet HTML 26Page - Renesas Technology Corp 4501 Datasheet HTML 27Page - Renesas Technology Corp 4501 Datasheet HTML 28Page - Renesas Technology Corp 4501 Datasheet HTML 29Page - Renesas Technology Corp 4501 Datasheet HTML 30Page - Renesas Technology Corp 4501 Datasheet HTML 31Page - Renesas Technology Corp 4501 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
1-16
Rev.2.01
Feb 07, 2005
4501 Group
HARDWARE
REJ09B0192-0201
(8) Program counter (PC)
Program counter (PC) is used to specify a ROM address (page and
address). It determines a sequence in which instructions stored in
ROM are read. It is a binary counter that increments the number of
instruction bytes each time an instruction is executed. However,
the value changes to a specified address when branch instructions,
subroutine call instructions, return instructions, or the table refer-
ence instruction (TABP p) is executed.
Program counter consists of PCH (most significant bit to bit 7)
which specifies to a ROM page and PCL (bits 6 to 0) which speci-
fies an address within a page. After it reaches the last address
(address 127) of a page, it specifies address 0 of the next page
(Figure 7).
Make sure that the PCH does not specify after the last page of the
built-in ROM.
(9) Data pointer (DP)
Data pointer (DP) is used to specify a RAM address and consists
of registers Z, X, and Y. Register Z specifies a RAM file group, reg-
ister X specifies a file, and register Y specifies a RAM digit (Figure
8).
Register Y is also used to specify the port D bit position.
When using port D, set the port D bit position to register Y certainly
and execute the SD, RD, or SZD instruction (Figure 9).
• Note
Register Z of data pointer is undefined after system is released
from reset.
Also, registers Z, X and Y are undefined in the RAM back-up. After
system is returned from the RAM back-up, set these registers.
Fig. 7 Program counter (PC) structure
Fig. 8 Data pointer (DP) structure
Fig. 9 SD instruction execution example
p5 p4 p3 p2 p1 p0
a6 a5 a4 a3 a2 a1 a0
Program counter
PCH
Specifying page
PCL
Specifying address
p6
Z1 Z0 X3 X2 X1 X0 Y3 Y2 Y1 Y0
Data pointer (DP)
Register Z (2)
Register X (4)
Register Y (4)
Specifying
RAM digit
Specifying RAM file
Specifying RAM file group
0
01
1
Set
Specifying bit position
Port D output latch
Register Y (4)
D2
D3
D1
D0
0
FUNCTION BLOCK OPERATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com