Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFA Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F2L3ACADFA
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFA Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F2L3ACADFA Datasheet HTML 35Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 36Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 37Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 38Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 39Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 40Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 41Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 42Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 848 page
background image
1. Overview
REJ09B0441-0010 Rev.0.10
Jul 30, 2008
Page 3 of 809
Under development Preliminary specification
Specifications in this manual are tentative and subject to change.
R8C/L35A Group, R8C/L36A Group, R8C/L38A Group, R8C/L3AA Group,
R8C/L35B Group, R8C/L36B Group, R8C/L38B Group, R8C/L3AB Group
1.1.3
Specifications
Tables 1.4 to 1.6 list the specifications.
Table 1.4
Specifications (1)
Item
Function
Specification
CPU
Central processing unit
R8C CPU core
• Number of fundamental instructions: 89
• Minimum instruction execution time:
50 ns (f(XIN) = 20 MHz, VCC = 2.7 to 5.5 V)
200 ns (f(XIN) = 5 MHz, VCC = 1.8 to 5.5 V)
• Multiplier: 16 bits × 16 bits
→ 32 bits
• Multiply-accumulate instruction: 16 bits × 16 bits + 32 bits
→ 32 bits
• Operating mode: Single-chip mode (address space: 1 Mbyte)
Memory
ROM/RAM
Data flash
Refer to Tables 1.7 to 1.14 Product Lists.
Power
Supply
Voltage
Detection
Voltage detection circuit
• Power-on reset
• Voltage detection 3 (detection level of voltage detection 0 and
voltage detection 1 selectable)
I/O Ports
Programmable
I/O ports
R8C/L35A Group
R8C/L35B Group
• CMOS I/O ports: 41, selectable pull-up resistor
• High current drive ports: 5
R8C/L36A Group
R8C/L36B Group
• CMOS I/O ports: 52, selectable pull-up resistor
• High current drive ports: 8
R8C/L38A Group
R8C/L38B Group
• CMOS I/O ports: 68, selectable pull-up resistor
• High current drive ports: 8
R8C/L3AA Group
R8C/L3AB Group
• CMOS I/O ports: 88, selectable pull-up resistor
• High current drive ports: 16
Clock
Clock generation circuits
4 circuits: XIN clock oscillation circuit
XCIN clock oscillation circuit (32 kHz)
High-speed on-chip oscillator (with frequency adjustment function)
Low-speed on-chip oscillator
• Oscillation stop detection:
XIN clock oscillation stop detection function
• Frequency divider circuit:
Division ratio selectable from 1, 2, 4, 8, and 16
• Low-power-consumption modes:
Standard operating mode (high-speed clock, low-speed clock, high-
speed on-chip oscillator, low-speed on-chip oscillator), wait mode,
stop mode, power-off mode
Real-time clock (timer RE)
Interrupts
R8C/L35A Group
R8C/L35B Group
• Number of interrupt vectors: 69
• External Interrupt: 9 (INT × 5, key input × 4)
• Priority levels: 7 levels
R8C/L36A Group
R8C/L36B Group
• Number of interrupt vectors: 69
• External Interrupt: 12 (INT × 8, key input × 4)
• Priority levels: 7 levels
R8C/L38A Group
R8C/L38B Group
• Number of interrupt vectors: 69
• External Interrupt: 16 (INT × 8, key input × 8)
• Priority levels: 7 levels
R8C/L3AA Group
R8C/L3AB Group
• Number of interrupt vectors: 69
• External Interrupt: 16 (INT × 8, key input × 8)
• Priority levels: 7 levels
Watchdog Timer
• 14 bits × 1 (with prescaler)
• Selectable reset start function
• Selectable low-speed on-chip oscillator for watchdog timer
DTC (Data Transfer Controller)
• 1 channel
• Activation sources: 38
• Transfer modes: 2 (normal mode, repeat mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com