Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2L3ACADFA Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # R5F2L3ACADFA
Description  RENESAS MCU R8C FAMILY / R8C/Lx SERIES
PDF  848 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2L3ACADFA Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button R5F2L3ACADFA Datasheet HTML 25Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 26Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 27Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 28Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 29Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 30Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 31Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 32Page - Renesas Technology Corp R5F2L3ACADFA Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 848 page
background image
B - 2
Note:
1.
Blank spaces are reserved. No access is allowed.
Address
Register
Symbol
Page
0080h
DTC Activation Control Register
DTCTL
224
0081h
0082h
0083h
0084h
0085h
0086h
0087h
0088h
DTC Activation Enable Register 0
DTCEN0
223
0089h
DTC Activation Enable Register 1
DTCEN1
223
008Ah
DTC Activation Enable Register 2
DTCEN2
223
008Bh
DTC Activation Enable Register 3
DTCEN3
223
008Ch
DTC Activation Enable Register 4
DTCEN4
223
008Dh
DTC Activation Enable Register 5
DTCEN5
223
008Eh
DTC Activation Enable Register 6
DTCEN6
223
008Fh
0090h
0091h
0092h
0093h
0094h
0095h
0096h
0097h
0098h
0099h
009Ah
009Bh
009Ch
009Dh
009Eh
009Fh
00A0h
UART0 Transmit/Receive Mode Register
U0MR
496
00A1h
UART0 Bit Rate Register
U0BRG
496
00A2h
UART0 Transmit Buffer Register
U0TB
497
00A3h
00A4h
UART0 Transmit/Receive Control Register 0
U0C0
498
00A5h
UART0 Transmit/Receive Control Register 1
U0C1
498
00A6h
UART0 Receive Buffer Register
U0RB
499
00A7h
00A8h
UART2 Transmit/Receive Mode Register
U2MR
517
00A9h
UART2 Bit Rate Register
U2BRG
517
00AAh
UART2 Transmit Buffer Register
U2TB
518
00ABh
00ACh
UART2 Transmit/Receive Control Register 0
U2C0
519
00ADh
UART2 Transmit/Receive Control Register 1
U2C1
520
00AEh
UART2 Receive Buffer Register
U2RB
521
00AFh
00B0h
UART2 Digital Filter Function Select Register
URXDF
522
00B1h
00B2h
00B3h
00B4h
00B5h
00B6h
00B7h
00B8h
00B9h
00BAh
00BBh
UART2 Special Mode Register 5
U2SMR5
522
00BCh
UART2 Special Mode Register 4
U2SMR4
523
00BDh
UART2 Special Mode Register 3
U2SMR3
523
00BEh
UART2 Special Mode Register 2
U2SMR2
524
00BFh
UART2 Special Mode Register
U2SMR
524
Address
Register
Symbol
Page
00C0h
A/D Register 0
AD0
645
00C1h
00C2h
A/D Register 1
AD1
645
00C3h
00C4h
A/D Register 2
AD2
645
00C5h
00C6h
A/D Register 3
AD3
645
00C7h
00C8h
A/D Register 4
AD4
645
00C9h
00CAh
A/D Register 5
AD5
645
00CBh
00CCh
A/D Register 6
AD6
645
00CDh
00CEh
A/D Register 7
AD7
645
00CFh
00D0h
00D1h
00D2h
00D3h
00D4h
A/D Mode Register
ADMOD
646
00D5h
A/D Input Select Register
ADINSEL
647
00D6h
A/D Control Register 0
ADCON0
648
00D7h
A/D Control Register 1
ADCON1
648
00D8h
D/A0 Register
DA0
668
00D9h
D/A1 Register
DA1
668
00DAh
00DBh
00DCh
D/A Control Register
DACON
668
00DDh
00DEh
00DFh
00E0h
Port P0 Register
P0
86
00E1h
Port P1 Register
P1
86
00E2h
Port P0 Direction Register
PD0
85
00E3h
Port P1 Direction Register
PD1
85
00E4h
Port P2 Register
P2
86
00E5h
Port P3 Register
P3
86
00E6h
Port P2 Direction Register
PD2
85
00E7h
Port P3 Direction Register
PD3
85
00E8h
Port P4 Register
P4
86
00E9h
Port P5 Register
P5
86
00EAh
Port P4 Direction Register
PD4
85
00EBh
Port P5 Direction Register
PD5
85
00ECh
Port P6 Register
P6
86
00EDh
Port P7 Register
P7
86
00EEh
Port P6 Direction Register
PD6
85
00EFh
Port P7 Direction Register
PD7
85
00F0h
00F1h
00F2h
00F3h
00F4h
Port P10 Register
P10
86
00F5h
Port P11 Register
P11
86
00F6h
Port P10 Direction Register
PD10
85
00F7h
Port P11 Direction Register
PD11
85
00F8h
Port P12 Register
P12
86
00F9h
Port P13 Register
P13
86
00FAh
Port P12 Direction Register
PD12
85
00FBh
Port P13 Direction Register
PD13
85
00FCh
00FDh
00FEh
00FFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com